Part Number Hot Search : 
BF118 CS9248 2SB1212 FA681J 25MSF 1A475 2407S F2NK60
Product Description
Full Text Search
 

To Download BY299 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  by296 thru BY299 page: 1 frontier electronics corp. 667 e. cochran street, simi valley, ca 93065 tel: (805) 522-9998 fax: (805) 522-9989 e-mail: frontiersales@frontierusa.com web: http://www.frontierusa.com 2a fast recovery plastic rectifier by296 thru BY299 features z low cost z ul 94v0 flame retardant epoxy molding compound z diffused junction z high surge current capability mechanical data z case: transfer molded, do201ad, dimensions in inches and (millimeters) z leads: solderable per mil-std-202,method 208 z polarity: cathode indicated by color band z weight: 1.2 grams maximum ratings and electrical characteristics ratings at 25 c ambient temperature unless otherwise specified single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% ratings symbol by296 by297 by298 BY299 units maximum recurrent peak reverse voltage v rrm 100 200 400 600 v maximum rms voltage v rms 70 140 280 420 v maximum dc blocking voltage v dc 100 200 400 600 v maximum average forward rectified current 0.375?(9.5mm) lead length at ta=55 c i o 2.0 a peak forward surge current, 8.3ms single half sine-wave superimposed on rated load i fsm 70 a typical junction capacitance (note 1) c j 60 pf typical thermal resistance (note 2) r ja 25 /w storage temperature range t stg - 55 to + 150 operating temperature range t op - 55 to + 150 electrical characteristics (a t t a =25 c unless otherwise noted) characteristics symbol by296 by297 by298 BY299 units maximum forward voltage at i o dc v f 1.3 v maximum reverse current at 25 i r 10 a maximum reverse current at 100 i r 100 a maximum reverse recovery time (note 3) t rr 150 250 ns note: 1. measured at 1 mhz and applied reverse voltage 0f 4.0 volts 2. both leads attached to heat sink 35 35 1t(mm) copper plate at lead length 5mm 3. reverse recovery test conditions: i f =0.5a, i r =1.0a, i rr =0.25a .375(9.5) .335(8.5) 1.0(25.4) min .220(5.6) .197(5.0) 1.0(25.4) min .052(1.3) .048(1.2)
by296 thru BY299 page: 2 ratings and characteristic curve by329x-1500 thru by329x-1500s +0.5a 0 -0.25a -1.0a trr 1c m set time base for 10/20 ns/cm fig. 1 -test circuit diagram and reverse recovery time characteristic pulse generator ( note 2 ) (+) 25 v dc (approx) (-) d.u.t. 1 non inductive oscilloscope ( note 1 ) 50 no inductive 10 no inductive (-) (+) note: 1. rise time=7ns max. input impedance=1 mohms 22pf 2. rise time =10 ns max. source impedance=50 ohms average forward current (a) 9.0 7.5 6.0 4.5 3.0 1.5 0 25 50 75 100 125 150 175 case temperature ( o c) fig. 2 -typical forward current derating curve single phase half wave 60hz resistive or inductive load fig. 4 -typical reverse characteristics 20 40 60 80 100 120 140 percent of rated peak reverse voltage (%) 100 10 1 0.1 0.01 t j =25 o c t j =125 o c instantaneous reverse current (ua) fig. 5 -typical junction capacitance .1 .2 .4 1.0 2 4 10 20 40 100 reverse voltage (v) 200 100 40 20 10 6 4 2 1 junction capacitance (pf) t j =25 o c fig. 3 -typical instantaneous forward characteristics 0 .2 .4 .6 .8 1.0 1.2 1.4 1.6 1.8 instantaneous forward voltage (v) 100 10 1.0 .1 .01 instantaneous forward current (a)


▲Up To Search▲   

 
Price & Availability of BY299

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X